Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 2Page - STMicroelectronics AN2847 Datasheet HTML 3Page - STMicroelectronics AN2847 Datasheet HTML 4Page - STMicroelectronics AN2847 Datasheet HTML 5Page - STMicroelectronics AN2847 Datasheet HTML 6Page - STMicroelectronics AN2847 Datasheet HTML 7Page - STMicroelectronics AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Register table
AN2847
6/31
Doc ID 15136 Rev 2
1
Register table
Table 1.
Register table
Register name
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
WHO_AM_I
0Fh
0
0
1
1
0
0
1
0
CTRL_REG1
20h
PM2
PM1
PM0
DR1
DR0
Zen
Yen
Xen
CTRL_REG2
21h
BOOT
HPM1
HPM0
FDS
HPen2
HPen1
HPCF1
HPCF0
CTRL_REG3
22h
IHL
PP_OD
LIR2
I2_CF1
I2_CF0
LIR1
I1_CF1
I1_CF0
CTRL_REG4
23h
BDU
BLE
FS1
FS0
STsign
0
ST
SIM
CTRL_REG5
24h
-
-
-
-
-
-
TurnOn1
TurnOn0
HP_FILTER_RESET
25h
-
-
-
-
-
-
-
-
REFERENCE
26h
REF7
REF6
REF5
REF4
REF3
REF2
REF1
REF0
STATUS_REG
27h
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
OUTX_L
28h
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
OUTX_H
29h
XD15
XD14
XD13
XD12
XD11
XD10
XD9
XD8
OUTY_L
2Ah
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
OUTY_H
2Bh
YD15
YD14
YD13
YD12
YD11
YD10
YD9
YD8
OUTZ_L
2Ch
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0
OUTZ_H
2Dh
ZD15
ZD14
ZD13
ZD12
ZD11
ZD10
ZD9
ZD8
INT1_CFG
30h
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
INT1_SRC
31h
-
IA
ZH
ZL
YH
YL
XH
XL
INT1_THS
32h
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
INT1_DURATION
33h
0
D6
D5
D4
D3
D2
D1
D0
INT2_CFG
34h
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
INT2_SRC
35h
-
IA
ZH
ZL
YH
YL
XH
XL
INT2_THS
36h
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
INT2_DURATION
37h
0
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com