Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 7Page - STMicroelectronics AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics AN2847 Datasheet HTML 11Page - STMicroelectronics AN2847 Datasheet HTML 12Page - STMicroelectronics AN2847 Datasheet HTML 13Page - STMicroelectronics AN2847 Datasheet HTML 14Page - STMicroelectronics AN2847 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AN2847
Start-up sequence
Doc ID 15136 Rev 2
11/31
Figure 3.
Data-ready signal
2.4
Understanding acceleration data
The measured acceleration data are sent to the OUTX_H, OUTX_L, OUTY_H, OUTY_L,
OUTZ_H and OUTZ_L registers. These registers contain, respectively, the most significant
part and the least significant part of the acceleration signals acting on the X, Y and Z axes.
The complete acceleration data for the X (Y, Z) channel is given by the concatenation
OUTX_H & OUTX_L (OUTY_H & OUTY_L, OUTZ_H & OUTZ_L) and is expressed as a 2’s
complement number.
2.4.1
Data alignment
Acceleration data are represented as 16-bit numbers and are left justified.
2.4.2
Big-little endian selection
The LIS331DLH allows the swapping of the content of the lower and the upper part of the
acceleration registers (i.e. OUTX_H with OUTX_L), to be compliant with both little-endian
and big-endian data representations.
“Little endian” means that the low-order byte of the number is stored in memory at the
lowest address, and the high-order byte at the highest address (the little end comes first).
This mode corresponds to bit BLE in the CTRL_REG4 reset to 0 -default configuration-.
Conversely, “big endian” means that the high-order byte of the number is stored in memory
at the lowest address, and the low-order byte at the highest address.
2.4.3
Example of acceleration data
The following table provides a few basic examples of the data that will be read in the data
registers when the device is subject to a given acceleration. The values listed in the table
are based on the assumption that the device is perfectly calibrated (i.e., no offset, no gain
error, etc.) and show the effect of the BLE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com