Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2847 Datasheet HTML 1Page - STMicroelectronics AN2847 Datasheet HTML 2Page - STMicroelectronics AN2847 Datasheet HTML 3Page - STMicroelectronics AN2847 Datasheet HTML 4Page - STMicroelectronics AN2847 Datasheet HTML 5Page - STMicroelectronics AN2847 Datasheet HTML 6Page - STMicroelectronics AN2847 Datasheet HTML 7Page - STMicroelectronics AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
September 2010
Doc ID 15136 Rev 2
1/31
AN2847
Application note
LIS331DLH: ±2
g /±4 g /±8 g digital output
high performance ultra low-power 3-axis accelerometer
Introduction
This document provides application information for the low-voltage 3-axis digital output
linear MEMS accelerometer provided in the LGA package.
The LIS331DLH is a high performance ultra low-power 3-axis linear accelerometer, which
belongs to the “nano” family of MEMS accelerometers, with digital I2C/SPI serial interface
standard output.
The device features ultra low-power operational modes that allow advanced power saving
and smart Sleep to Wakeup functions.
The LIS331DLH has dynamically user-selectable full scales of ±2
g /±4 g /±8 g and is
capable of measuring acceleration with output data rates from 0.5 Hz to 1 kHz.
The self-test capability allows the user to check the functioning of the sensor in the final
application.
The device can be configured to generate interrupt signals in response to inertial wake-
up/free-fall events, or based on the position of the device itself.
The thresholds and timing of interrupt generators are programmable by the end user while
fully operational. The LIS331DLH is available in a small, thin plastic land grid array (LGA)
package, and is guaranteed to operate over a wide temperature range of -40 °C to +85 °C.
www.st.com


Similar Part No. - AN2847

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
AN2841 STMICROELECTRONICS-AN2841 Datasheet
788Kb / 31P
This application note deals with the general principles of LED dimming
10-Nov-2008
AN2842 STMICROELECTRONICS-AN2842 Datasheet
902Kb / 22P
Paralleling of power MOSFETs in PFC topology
29-Jul-2009
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
AN2846 STMICROELECTRONICS-AN2846 Datasheet
1Mb / 35P
The serial current limited termination device
22-Feb-2010
More results

Similar Description - AN2847

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
USB-6221 NI-USB-6221 Datasheet
800Kb / 21P
This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
USB-621X NI-USB-621X Datasheet
611Kb / 14P
This document provides information about the dimensions, mounting options, connectors
USB-622X NI-USB-622X Datasheet
821Kb / 22P
This document provides dimensions, pinouts, and information about the connectors, switch, LEDs
logo
STMicroelectronics
AN3308 STMICROELECTRONICS-AN3308 Datasheet
1Mb / 52P
This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided in an LGA package
14-Jan-2011
AN4662 STMICROELECTRONICS-AN4662 Datasheet
948Kb / 43P
This document describes the low-voltage 3-axis digital output linear MEMS accelerometer provided
13-Apr-2015
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
This application note provides information
AN1322 STMICROELECTRONICS-AN1322 Datasheet
121Kb / 9P
This application note provides information
REV.B
AN2366 STMICROELECTRONICS-AN2366 Datasheet
101Kb / 8P
This application note provides information
01-Jul-2009
logo
Xilinx, Inc
OPB16450UART XILINX-OPB16450UART Datasheet
535Kb / 15P
This document provides the specification
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-WROOM-32 ESPRESSIF-ESP-WROOM-32 Datasheet
518Kb / 25P
This document provides the specifications for the ESP32-WROOM-32 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com