Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 23Page - STMicroelectronics AN2847 Datasheet HTML 24Page - STMicroelectronics AN2847 Datasheet HTML 25Page - STMicroelectronics AN2847 Datasheet HTML 26Page - STMicroelectronics AN2847 Datasheet HTML 27Page - STMicroelectronics AN2847 Datasheet HTML 28Page - STMicroelectronics AN2847 Datasheet HTML 29Page - STMicroelectronics AN2847 Datasheet HTML 30Page - STMicroelectronics AN2847 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AN2847
Interrupt generation
Doc ID 15136 Rev 2
27/31
XL bits of INTx_SRC send information about the value of the acceleration generating the
interrupt when it exceeds the threshold, and whether the acceleration value is positive or
negative. More specifically:
●
ZH (YH, XH) is 1 when the sensed acceleration is greater than the threshold in the
positive direction.
●
ZL, (YL, XL) is 1 when the sensed acceleration is greater than the threshold in the
negative direction.
Figure 12.
ZH, ZL, YH, YL, XH, XL behavior
There are two possible configurations for the 6D direction function:
●
6D movement recognition: In this configuration the interrupt is generated when the
device moves from one direction (known or unknown) to a different, known direction.
The interrupt is active only for 1/ODR.
●
6D position recognition: In this configuration the interrupt is generated when the
device is stable in a known direction. The interrupt is active as long as the position is
maintained, as shown in
Figure 13, (a) and (b).
In
Figure 13, the 6D Movement line shows the behavior of the interrupt when the device is
configured for 6D Movement recognition on the X and Y axes (INT1_CFG = 0x4Ah), while
the 6D Position line shows the behavior of the interrupt when the device is configured for 6D
Position recognition on the X and Y axes (INT1_CFG = 0xCAh). INT1_THS is set to 0x21.
With reference to
Figure 14, the device has been configured for the 6D Position function on
the X, Y and Z axes.
Table 19 shows the content of the INT1_SRC register for each
position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com