Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 8Page - STMicroelectronics AN2847 Datasheet HTML 9Page - STMicroelectronics AN2847 Datasheet HTML 10Page - STMicroelectronics AN2847 Datasheet HTML 11Page - STMicroelectronics AN2847 Datasheet HTML 12Page - STMicroelectronics AN2847 Datasheet HTML 13Page - STMicroelectronics AN2847 Datasheet HTML 14Page - STMicroelectronics AN2847 Datasheet HTML 15Page - STMicroelectronics AN2847 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Start-up sequence
AN2847
12/31
Doc ID 15136 Rev 2
Table 5.
Output data register content vs. acceleration (FS = 2
g)
Acceleration
values
BLE = 0
BLE = 1
Register address
28h
29h
28h
29h
0 g
00h
00h
00h
00h
350 mg
E0h
15h
15h
E0h
1 g
00h
40h
40h
00h
-350 mg
20h
EAh
EAh
20h
-1g
00h
C0H
C0H
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com