Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 16Page - STMicroelectronics AN2847 Datasheet HTML 17Page - STMicroelectronics AN2847 Datasheet HTML 18Page - STMicroelectronics AN2847 Datasheet HTML 19Page - STMicroelectronics AN2847 Datasheet HTML 20Page - STMicroelectronics AN2847 Datasheet HTML 21Page - STMicroelectronics AN2847 Datasheet HTML 22Page - STMicroelectronics AN2847 Datasheet HTML 23Page - STMicroelectronics AN2847 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Interrupt generation
AN2847
20/31
Doc ID 15136 Rev 2
5
Interrupt generation
The LIS331DLH can provide two interrupt signals and offers several possibilities for
personalizing these signals. The registers involved in the interrupt generation behavior are
CTRL_REG3, INT1_CFG, INT2_CFG, INT1_THS, INT2_THS, INT1_DURATION, and
INT2_DURATION.
The LIS331DLH interrupt signal can behave as Free-Fall, Wake-Up or 6D orientation
detection.
Whenever an interrupt condition is verified, the interrupt signal is generated and by reading
the INT1_SRC and INT2_SRC registers it is possible to detect which condition has
occurred.
5.1
Duration
The content of the duration registers set the minimum duration of the interrupt event to be
recognized. Duration steps and maximum values depend on the ODR chosen.
When in Normal mode, duration time is measured in N/ODR, where N is the content of the
duration register and ODR is 50, 100, 400, 1000 Hz.
When in low power mode, duration time is measured in N/ODRLP, where N is the content of
the duration register and ODRLP is 0.5, 1, 2, 5, 10 Hz.
Table 15.
Interrupt mode configuration
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6 direction movement recognition
1
0
AND combination of interrupt events
1
1
6 direction position recognition
Table 16.
Duration LSB value in normal mode
ODR (Hz)
Duration LSB value (ms)
50
20
100
10
400
2.5
1000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com