Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2847 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2847
Description  This document provides application information for the low-voltage 3-axis digital output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2847 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2847 Datasheet HTML 14Page - STMicroelectronics AN2847 Datasheet HTML 15Page - STMicroelectronics AN2847 Datasheet HTML 16Page - STMicroelectronics AN2847 Datasheet HTML 17Page - STMicroelectronics AN2847 Datasheet HTML 18Page - STMicroelectronics AN2847 Datasheet HTML 19Page - STMicroelectronics AN2847 Datasheet HTML 20Page - STMicroelectronics AN2847 Datasheet HTML 21Page - STMicroelectronics AN2847 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
High pass filter
AN2847
18/31
Doc ID 15136 Rev 2
4.1.1
Normal mode
In this configuration the high-pass filter can be reset by reading the HP_FILTER_RESET
register, instantly matching the output data to the input acceleration.
Figure 6.
HP_FILTER_RESET readings
4.1.2
Reference mode
In Reference mode configuration the output data is calculated as the difference between the
input acceleration and the content of the REFERENCE register. This register is in 2’s
complement representation and the value of 1LSB of these 7-bit registers depends on the
selected full scale (
Table 14).
Table 13.
High-pass filter cut-off frequency configuration
HPcoeff2,1
ft [Hz]
Data rate = 50 Hz
ft [Hz]
Data rate = 100 Hz
ft [Hz]
Data rate = 400 Hz
ft [Hz]
Data rate = 1000 Hz
00
1
2
8
20
01
0.5
1
4
10
10
0.25
0.5
2
5
11
0.125
0.25
1
2.5
Table 14.
Reference mode LSB value
Full scale
Reference mode LSB value (mg)
2~16
4~31
8~63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com