Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 4Page - STMicroelectronics AN3011 Datasheet HTML 5Page - STMicroelectronics AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics AN3011 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Board descriptions
AN3011
8/37
Doc ID 16043 Rev 1
1.3
Transformer
Transformer characteristics are listed in Table 3:
Figure 3
, 4, 5, and 6 show the size and pin distances (inches and [mm]) of the transformer.
R16, R17
2.7 Meg 1% precision resistor
R18
47 k
Ω 1% precision resistor
R19
220
Ω
T1
Switch mode transformer
WE - 750871012
Würth Elektronik
T2
Common mode line filter
BU15-4530R4BL
Coilcraft
U1
Offline switching regulator
VIPER27HN
STMicroelectronics
VR1
Voltage reference
TS431
STMicroelectronics
Table 2.
BOM (continued)
Part
reference
Description
Part name
Manufacturer
Table 3.
Transformer characteristics
Properties
Value
Test condition
Manufacturer
Würth Elektronik
Part number
750871012
Primary inductance
900 µH ±10 %
Measured at 10 kHz 0.1 V
Leakage inductance
25 µH max
Measured at 100 kHz 0.1 V (primary
and secondary windings shorted)
Primary to secondary turn ratio
(4 - 5) / (6, 7 – 8, 9)
14.75 ±1 %
Measured at 10 kHz 0.1 V
Primary to auxiliary turn ratio (6 - 4) /
(3 - 1)
5.36 ±1 %
Measured at 10 kHz 0.1 V
Insulation
4 kV
Primary to secondary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com