Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 29Page - STMicroelectronics AN3011 Datasheet HTML 30Page - STMicroelectronics AN3011 Datasheet HTML 31Page - STMicroelectronics AN3011 Datasheet HTML 32Page - STMicroelectronics AN3011 Datasheet HTML 33Page - STMicroelectronics AN3011 Datasheet HTML 34Page - STMicroelectronics AN3011 Datasheet HTML 35Page - STMicroelectronics AN3011 Datasheet HTML 36Page - STMicroelectronics AN3011 Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
33/37
having a monotonically decay to zero of the output voltage when the converter itself is
unplugged from the mains. A typical situation, in most cases for converters designed for the
European range (230 VAC), could be a converter that when unplugged shuts down due to
the overload protection (due to the low input voltage the converter is not able to supply full
power), but the voltage on the Bulk capacitor is higher than VDRAIN RESTART, so the device
starts again and the output voltage rises again. This situation could be dangerous for some
loads, and in many applications is best avoided.
Figures 37 and 38 show how brown-out protection works in the VIPer27 board when used.
Figure 37
shows the behavior of the board when the input voltage is changed from 90 VAC to
75 VAC with full-load applied. The system stops switching and the output load, no longer
supplied, decays monotonically to zero. Figure 38 shows the system behavior when the
input voltage changes from 75 VAC to 90 VAC.
Figure 37.
Input AC voltage steps from 90 VAC to 65 VAC
Figure 38.
Input voltage steps from 90 VAC to 0 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com