Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 17Page - STMicroelectronics AN3011 Datasheet HTML 18Page - STMicroelectronics AN3011 Datasheet HTML 19Page - STMicroelectronics AN3011 Datasheet HTML 20Page - STMicroelectronics AN3011 Datasheet HTML 21Page - STMicroelectronics AN3011 Datasheet HTML 22Page - STMicroelectronics AN3011 Datasheet HTML 23Page - STMicroelectronics AN3011 Datasheet HTML 24Page - STMicroelectronics AN3011 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
21/37
●
POUT = 200 mW
Figure 20.
Converter input power vs Vin_ac in light-load condition
Table 18.
Low-load performance. POUT = 200 mW (brown-out disabled)
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT
(mW)
fSW_AVG (kHz)
90
208.403
286
72.87
77.597
21.3115
115
208.403
293
71.13
84.597
19.2462
132
208.403
294
70.89
85.597
18.1681
175
208.403
296
70.41
87.597
16.0584
230
208.403
313
66.58
104.597
16.4671
265
208.403
328
63.54
119.597
14.7167
Low-load performance. POUT = 200 mW (brown-out enabled)
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT (mW)
90
208.403
289
72.11
80.60
115
208.403
296
70.41
87.60
132
208.403
299
69.70
90.60
175
208.403
313
66.58
104.60
230
208.403
336
62.02
127.60
265
208.403
349
59.71
140.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com