Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 16Page - STMicroelectronics AN3011 Datasheet HTML 17Page - STMicroelectronics AN3011 Datasheet HTML 18Page - STMicroelectronics AN3011 Datasheet HTML 19Page - STMicroelectronics AN3011 Datasheet HTML 20Page - STMicroelectronics AN3011 Datasheet HTML 21Page - STMicroelectronics AN3011 Datasheet HTML 22Page - STMicroelectronics AN3011 Datasheet HTML 23Page - STMicroelectronics AN3011 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Efficiency
AN3011
20/37
Doc ID 16043 Rev 1
●
POUT = 100 mW
Table 15.
Low-load performance. POUT = 50 mW (brown-out enabled)
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT (mW)
90
54.39
87.20
62.37
32.81
115
54.39
93.80
57.98
39.41
132
54.39
94.00
57.86
39.61
175
54.39
104.20
52.20
49.81
230
54.39
125.00
43.51
70.61
265
54.39
139.00
39.13
84.61
Table 16.
Low-load performance. POUT = 100 mW (brown-out disabled)
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT
(mW)
fSW_AVG (kHz)
90
106
152
69.5
46
11.3
115
106
157
67.3
51
10.2
132
106
157
67.3
51
9.6
175
106
162
65.3
56
8.5
230
106
177
59.7
71
8.7
265
106
181
58.4
75
7.8
Table 17.
Low-load performance. POUT = 100 mW (brown-out enabled)
VIN_AC
POUT (mW)
PIN (mW)
Eff. (%)
PIN-POUT (mW)
90
106
155
68.2
49
115
106
159
66.5
53
132
106
166
63.7
60
175
106
174
60.8
68
230
106
195
54.2
89
265
106
206
51.3
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com