Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics AN3011 Datasheet HTML 12Page - STMicroelectronics AN3011 Datasheet HTML 13Page - STMicroelectronics AN3011 Datasheet HTML 14Page - STMicroelectronics AN3011 Datasheet HTML 15Page - STMicroelectronics AN3011 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Testing the board
AN3011
12/37
Doc ID 16043 Rev 1
Figure 11.
Output voltage ripple 115 VINAC full-load
The measured output voltage ripple is around 20 mV, well below the maximum admitted
value (50 mV, see electrical specification in Table 1).
Figure 12.
Output voltage ripple 230 VINAC full-load
When the device is working in burst mode, a lower frequency ripple is present. In this
operation mode the converter does not supply continuous power to its output. It alternates
periods when the power MOSFET is kept off, and no power is processed by the converter,
and periods when the power MOSFET is switching and power flows towards the converter
output. Even no-load is present at the output of the converter, during no switching periods
the output capacitors are discharged by their leakage currents and by the currents needed
to supply the circuitry of the feedback loop present at the secondary side. During the
switching period the output capacitance is recharged. Figure 13 and 14 show the output
voltage and the feedback voltage when the converter is no-loaded. In Figure 13 the
converter is supplied with 115 VAC, and with 230 VAC in Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com