Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 13Page - STMicroelectronics AN3011 Datasheet HTML 14Page - STMicroelectronics AN3011 Datasheet HTML 15Page - STMicroelectronics AN3011 Datasheet HTML 16Page - STMicroelectronics AN3011 Datasheet HTML 17Page - STMicroelectronics AN3011 Datasheet HTML 18Page - STMicroelectronics AN3011 Datasheet HTML 19Page - STMicroelectronics AN3011 Datasheet HTML 20Page - STMicroelectronics AN3011 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
AN3011
Efficiency
Doc ID 16043 Rev 1
17/37
low voltage power supply, must have a nameplate output voltage lower than 6 V and a
nameplate output current greater than or equal to 550 mA.
Table 8
and 9 show the EPA energy efficiency criteria for AC/DC power supplies in active
mode for standard models and for low voltage models respectively.
Figure 19.
ENERGY STAR efficiency criteria
The criteria are plotted in Figure 19 above where the red line is the criteria for the standard
model and the blue line is the criteria for the low voltage model. The PNO axe is in the
logarithmic scale.
The presented power supply belongs to the low voltage power supply category and, in order
to be compliant with ENERGY STAR requirements, must have an efficiency higher than 74.1
% when the converter input voltage is at the nominal value (115 VAC or 230 VAC in this
case). For all the considered input voltages the efficiency (see Table 6) results are higher
than the required value.
Table 8.
Energy efficiency criteria for standard models
Nameplate output power (Pno)
Minimum average efficiency in active mode (expressed as
a decimal)
0 to = 1 W
= 0.48 *Pno+0.140
> 1 to = 49 W
= [0.0626 * In (Pno)] + 0.622
> 49 W
= 0.870
Table 9.
Energy efficiency criteria for low voltage models
Nameplate output power (Pno)
Minimum average efficiency in active mode (expressed as
a decimal)
0 to = 1 W
= 0.497 *Pno+0.067
> 1 to = 49 W
= [0.075 * In (Pno)] + 0.561
> 49 W
= 0.860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com