Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics AN3011 Datasheet HTML 12Page - STMicroelectronics AN3011 Datasheet HTML 13Page - STMicroelectronics AN3011 Datasheet HTML 14Page - STMicroelectronics AN3011 Datasheet HTML 15Page - STMicroelectronics AN3011 Datasheet HTML 16Page - STMicroelectronics AN3011 Datasheet HTML 17Page - STMicroelectronics AN3011 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
Efficiency
AN3011
14/37
Doc ID 16043 Rev 1
3
Efficiency
The efficiency of the converter was measured in different load and line voltage conditions. In
accordance with the ENERGY STAR
® active mode testing efficiency method, the
measurements are done with different load values (full-load, 75%, 50%, and 25% of the full-
load) for different input voltages. The results are given in Table 5 below.
For better visibility the results are plotted in the diagrams below. In Figure 15, efficiency
versus converter AC input voltage (VIN), for four different load values, is plotted. In
Figure 16
, the value of efficiency versus load for different input voltages is plotted.
Figure 15.
Efficiency vs VIN
Table 5.
Efficiency
VINAC
(VRMS)
Efficiency (%)
Full load (2.2 A)
75 % load (1.65
A)
50 % load (1.1 A)
25 % load (0.55
A)
90
73.0
75.1
76.9
77.9
115
75.3
76.5
77.9
78.1
132
75.9
76.9
77.8
77.7
175
76.8
77.3
77.6
76.4
230
77.4
77.6
77.3
75.4
265
76.8
76.9
76.3
74.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com