Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics AN3011 Datasheet HTML 10Page - STMicroelectronics AN3011 Datasheet HTML 11Page - STMicroelectronics AN3011 Datasheet HTML 12Page - STMicroelectronics AN3011 Datasheet HTML 13Page - STMicroelectronics AN3011 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Testing the board
AN3011
10/37
Doc ID 16043 Rev 1
2
Testing the board
2.1
Typical board waveforms
Figure 7
and 8 show the drain current and the drain voltage waveforms at the nominal input
voltages, which are 115 VAC and 230 VAC when at maximum load (2.2 A). Figure 9 and 10
show the same waveforms for the same load condition, but with the input voltages at the
minimum 90 VAC and the maximum 265 VAC.
The converter is designed to operate in continuous conduction mode (in full-load condition)
at low-line. CCM (continuous conduction mode) allows the reducing of the root mean square
currents value, at the primary side, in the power switch inside the VIPer, and in the primary
winding of the transformer; at the secondary side in the output diode (D4) and in the output
capacitors (C9 and C14). Reducing RMS currents means reducing the power dissipation
(mainly in the VIPer) and the stress on the above mentioned components.
Figure 7.
Drain current and voltage at full-
load 115 VAC
Figure 8.
Drain current and voltage at full-
load 230 VAC
Figure 9.
Drain current and voltage at full-
load 90 VAC
Figure 10.
Drain current and voltage at full-
load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com