Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3011
Description  In certain applications such as LCD or plasma TVs
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3011 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3011 Datasheet HTML 1Page - STMicroelectronics AN3011 Datasheet HTML 2Page - STMicroelectronics AN3011 Datasheet HTML 3Page - STMicroelectronics AN3011 Datasheet HTML 4Page - STMicroelectronics AN3011 Datasheet HTML 5Page - STMicroelectronics AN3011 Datasheet HTML 6Page - STMicroelectronics AN3011 Datasheet HTML 7Page - STMicroelectronics AN3011 Datasheet HTML 8Page - STMicroelectronics AN3011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
January 2011
Doc ID 16043 Rev 1
1/37
AN3011
Application note
Wide range input (90 - 265), single output (5 V-11 W)
EVLVIP27H-12SB, VIPer27 demonstration board
Introduction
In certain applications such as LCD or plasma TVs, desk top computers, etc., the power
supply that converts the energy from the mains often includes two modules: the main power
supply that provides most of the power which is off when the application is off or in standby
mode, and the auxiliary power supply that only provides energy to specific parts of the
equipment, like the USB ports, remote receivers, or modems, but stays on when the
application is in standby mode.
In standby mode it is often required that the equipment input power is as low as possible,
which means reducing the input power of the auxiliary power supply, in no-load or light-load
conditions, as low as possible. This demonstration board meets the specifications of a wide
range of auxiliary power supplies for the above mentioned applications. Furthermore, it is
optimized for very low standby consumption which helps to meet the most stringent energy
saving requirements. Using the VIPer27, which has a switching frequency of 115 kHz, helps
to reduce the transformer size.
Figure 1.
Demonstration board image
www.st.com


Similar Part No. - AN3011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AN3010 MA-COM-AN3010 Datasheet
1Mb / 3P
An Examination of Recovery Time of an Integrated Limiter/LNA
AN3012 MA-COM-AN3012 Datasheet
104Kb / 4P
Electrical Characterization of MAAMSS0031 CATV Amplifier at 5 Volts and Reduced Gain
AN3014 MA-COM-AN3014 Datasheet
142Kb / 3P
Electrical Characterization of the MAAMSS0031 16 dB Gain Application Circuit
logo
STMicroelectronics
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
This application note describes the characteristics and the features
13-Dec-2010
logo
M/A-COM Technology Solu...
AN3018 MA-COM-AN3018 Datasheet
69Kb / 2P
Known Good Die Delivery Specification
More results

Similar Description - AN3011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH45H11 FAIRCHILD-KSH45H11 Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
MJD45H11 FAIRCHILD-MJD45H11 Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
KSH44H11I FAIRCHILD-KSH44H11I Datasheet
42Kb / 5P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
AN2929 STMICROELECTRONICS-AN2929 Datasheet
1Mb / 32P
In consumer applications such as LCD or plasma TVs
06-Apr-2011
AN4007 STMICROELECTRONICS-AN4007 Datasheet
1Mb / 33P
In several applications, such as LCD or plasma TVs
12-Dec-2012
AN2591 STMICROELECTRONICS-AN2591 Datasheet
215Kb / 19P
In certain applications
06-Aug-2007
logo
Ohmite Mfg. Co.
ARC2 OHMITE-ARC2 Datasheet
158Kb / 2P
Designed for applications such as voltage dividers
logo
STMicroelectronics
DSL02 STMICROELECTRONICS-DSL02 Datasheet
176Kb / 8P
Low capacitance TVS for high speed lines such as xDSL
03-Feb-2015
DSL04 STMICROELECTRONICS-DSL04 Datasheet
163Kb / 7P
Low capacitance TVS for high speed lines such as xDSL
February 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com