Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 2Page - STMicroelectronics AN3286 Datasheet HTML 3Page - STMicroelectronics AN3286 Datasheet HTML 4Page - STMicroelectronics AN3286 Datasheet HTML 5Page - STMicroelectronics AN3286 Datasheet HTML 6Page - STMicroelectronics AN3286 Datasheet HTML 7Page - STMicroelectronics AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Adapter features
AN3286
6/42
Doc ID 17998 Rev 1
1
Adapter features
Table 1 lists the electrical specifications of the demonstration board.
1.1
Circuit description
The power supply is set in a flyback topology and its schematic is shown in Figure 2. The
input section includes protection elements (fuse and NTC for inrush current limiting), a filter
for EMC suppression (C1, T2, C13), a diode bridge (BR1), and an electrolytic bulk capacitor
(C3) as the front-end AC-DC converter. The transformer uses a standard E25 ferrite core.
A Transil™ clamp network is used for leakage inductance demagnetization.
At power-up the DRAIN pin supplies the internal HV startup current generator which
charges the C4 capacitor up to VDDon. At this point the power MOSFET starts switching, the
generator is turned off, and the IC is powered by the energy stored in C4, until the auxiliary
winding voltage becomes high enough to sustain the operation through D1 and R1. The
value of the resistor R3 between the ZCD and GND pins defines the VIPer25 current limit
and, in conjunction with D2 and R14, also realizes the overvoltage protection function.
The ZCD pin is also responsible for the quasi-resonant operation, being a transformer
demagnetization sensing input triggering the MOSFET turn-on.
Converter power capability variations with the mains voltage, inherent in quasi-resonant
operation, are compensated by the R3-R15 voltage divider, which implements the line
voltage feed-forward correction function. At very light or disconnected load the device enters
burst mode, allowing to keep low the consumption from the mains in such conditions
(< 50 mW at 265 VAC). The output rectifier D4 has been selected according to the calculated
maximum reverse voltage, forward voltage drop, and power dissipation, and is a power
Schottky type. The output voltage regulation is performed by secondary feedback with
a TS431 driving an optocoupler, in this case, a PC817, ensuring the required insulation
between primary and secondary. The optotransistor drives directly the FB pin of the
VIPer25, which is connected to the compensation network made up of C6, C7, and R12.
A small LC network has been added at the output in order to filter the high frequency ripple
without increasing the output capacitor size and a 100 nF capacitor has been placed very
close to the output connector solder points, to limit the spike amplitude. Through jumper J,
the BR pin can be either connected to a voltage divider sensing the mains rectified voltage
in order to realize a brownout protection, or to GND. In the latter case, the RH1-RH2-RL
branch can be disconnected from the mains in order to reach minimum standby
consumption.
Table 1.
Electrical specifications
Parameter
Symbol
Value
Input voltage range
VIN_AC
[90 VAC - 265 VAC]
Output voltage
VOUT
5 V
Max. output current
IOUTmax
2 A
Precision of output regulation
ΔVOUT_LF
±5%
High frequency output voltage ripple
ΔVOUT_HF
50 mV
Max. ambient operating temperature
TA
60 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com