Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 15Page - STMicroelectronics AN3286 Datasheet HTML 16Page - STMicroelectronics AN3286 Datasheet HTML 17Page - STMicroelectronics AN3286 Datasheet HTML 18Page - STMicroelectronics AN3286 Datasheet HTML 19Page - STMicroelectronics AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
19/42
The active mode efficiency is defined as the average of the efficiencies measured at 25%,
50%, and 75% of maximum load and at maximum load itself. Table 9 reports the active
mode efficiency calculated from the values in Table 8. For better visibility, Table 9 values are
plotted in Figure 20.
Figure 20.
Active mode efficiency vs. VIN_AC
In Table 10 and Figure 21 the averaged value of the efficiency versus load are reported
(average has been done considering the efficiency at different values of the input voltage).
Table 9.
Active mode efficiencies
Active mode efficiency
VIN (VAC)
Efficiency (%)
90
80.67
115
82.00
150
82.48
180
82.40
230
81.78
265
80.97
Table 10.
Line voltage averaged efficiency vs. load
Load (% of full load)
Efficiency (%)
100
80.93
75
81.28
50
81.02
25
82.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com