Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 4Page - STMicroelectronics AN3286 Datasheet HTML 5Page - STMicroelectronics AN3286 Datasheet HTML 6Page - STMicroelectronics AN3286 Datasheet HTML 7Page - STMicroelectronics AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Adapter features
AN3286
8/42
Doc ID 17998 Rev 1
Table 2.
Bill of material
Reference
Part
Description
Manufacturer
BR1
DF06
Diode bridge
VISHAY®
C3
22 µF, 450 V
Electrolytic capacitor
C4
22 µF, 35 V
Electrolytic capacitor
C1, C13
100 nF
X2 capacitor
C5
N.C.
Polypropylene capacitor
C6
2.2 nF, 50 V
Ceramic capacitor
C7
22 nF, 50 V
Polypropylene capacitor
C8
2.2 nF
Y1 capacitor
C9
N.C.
Electrolytic capacitor
C10
100 µF, 25 V
Electrolytic capacitor
C14, C15
680 µF, 16 V
Ultra-low ESR electrolytic capacitor, MCZ
series
Rubycon
C11
27 nF, 50 V
Ceramic capacitor
C16
100 nF, 50 V
Ceramic capacitor
CL
10 nF, 50 V
Ceramic capacitor
D1
BAT46
Small signal diode
STMicroelectronics™
D2
1N4148
Small signal diode
D3
STTH1L06
Clamp diode
STMicroelectronics
D4
STPS5L60
Power diode
STMicroelectronics
D5
1.5KE250
Transil
STMicroelectronics
Dz
18 V Zener diode
F1
Fuse 1.6 A 250 V
NTC1
2.2
Ω
Thermistor
EPCOS
R1
4.7
Ω
1/4 W resistor
R3
22 k
Ω
1/4 W resistor
R6
15 k
Ω
1/4 W resistor
R8
82 k
Ω
1/4 W resistor, 1%
R9
27 k
Ω
1/4 W resistor, 1%
R10
120 k
Ω
1/4 W resistor
R12
56 k
Ω
1/4 W resistor
R13
3.3 k
Ω
1/4 W resistor
R14
68 k
Ω
1/4 W resistor
R15
560 k
Ω
1/4 W resistor
Rz
560
Ω
1/4 W resistor
RH1
1.1 M
Ω
1/4 W resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com