Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 7Page - STMicroelectronics AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics AN3286 Datasheet HTML 13Page - STMicroelectronics AN3286 Datasheet HTML 14Page - STMicroelectronics AN3286 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
11/42
2
Testing the board
2.1
Typical board waveforms
The VIPer25 is operated in quasi-resonant mode. The ZCD (zero current detect) pin is able
to sense the transformer demagnetization and switch on the MOSFET on the valley of the
drain voltage ringing that follows the transformer demagnetization.
The converter has been designed so that in full load condition the MOSFET is always
switched on, on the first valley of the transformer demagnetization, within the entire input
voltage range. This operation mode is referred to as “quasi-resonant”, or “boundary”
between discontinuous conduction mode (DCM) and continuous conduction mode (CCM).
Figure 5 and 6 show drain current and voltage waveforms at nominal input voltages
(115 VAC and 230 VAC) and maximum load (2 A). Figure 7 and 8 show the same waveforms
in the same load condition, but at minimum and maximum input voltage respectively.
Figure 5.
Drain current and voltage at max.
load 115 VAC
Figure 6.
Drain current and voltage at max.
load 230 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com