Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics AN3286 Datasheet HTML 29Page - STMicroelectronics AN3286 Datasheet HTML 30Page - STMicroelectronics AN3286 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
27/42
short-circuit or a hard-saturation of the transformer is occurring and stops the PWM activity.
To re-enable the operation, the VDD pin voltage must be recycled, which means that VDD
must go down to VDD(RESTART), then rise up to VDDon. At this point the MOSFET restarts
switching. If the cause of activation of the second overcurrent protection is still present, the
protection is tripped again and the system works in auto-restart mode, resuming normal
operation as soon as the cause of the fault is removed and the VDD recycled.
This protection has been tested in different operating conditions, short-circuiting the output
diode. The following figures show the behavior of the system during these tests.
With faults such as those described, the 2nd OCP protection of the VIPer25 stops the
operation after two switching cycles, therefore avoiding high currents in the primary as in the
secondary windings and through the power section of the VIPer25 itself. Figure 32 shows
the operation when a permanent short-circuit is applied on the secondary winding. Most of
the time the power section of VIPer25 is off, eliminating any risk of overheating.
Figure 31.
2nd OCP protection tripping
Figure 32.
Operating with secondary winding
shorted - restart mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com