Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics AN3286 Datasheet HTML 25Page - STMicroelectronics AN3286 Datasheet HTML 26Page - STMicroelectronics AN3286 Datasheet HTML 27Page - STMicroelectronics AN3286 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Testing the board
AN3286
24/42
Doc ID 17998 Rev 1
Figure 24.
Converter efficiency when the input power is 1 W
With the demonstration board presented here it is possible to have or to not have brownout
protection. All the efficiency and light load performances have been measured with
brownout protection disabled (series RH1, RH2, and RL in Figure 2 disconnected). If
brownout protection is required, for the same load condition, the input power increases,
because the brownout network is connected in parallel with the bulk capacitor (C3 in the
schematic) and dissipates some power according to the following formula:
Equation 1
In light load condition the voltage across the bulk capacitor can be considered constant and
equal to the peak of the AC input voltage. Considering the worst case of maximum input
voltage the dissipation across the brownout network is:
Equation 2
which is negligible when measuring the efficiency in not too light load condition but becomes
quite important when measuring the standby or light load performance.
2.6
Overload protection
The VIPer25 is a current mode converter. This means that the regulation of the output
voltage is made by increasing or decreasing the primary peak current on a cycle-by-cycle
basis as a consequence of the increase or decrease of the output power demand.
The peak current is internally sensed and converted into a voltage which is compared with
the FB pin voltage. The device is shut down as soon as the two voltages are equal.
When the FB pin voltage reaches VFBlin (3.3 V typical), the drain peak current reaches its
maximum value, IDLIM (which is 0.7 A typical or a lower value according to the value of the
resistor if connected between the ZCD and GND pins).
P
BR LOSS
V
BUL K RM S
2
RH1
RH2
RL
++
----------------------------------------------
=
P
BR LOSS
V
ACM AX PK
2
RH1
RH2
RL
++
----------------------------------------------
265
2
⋅
()
2
2.268
10
6
⋅
--------------------------------
64mW
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com