Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 16Page - STMicroelectronics AN3286 Datasheet HTML 17Page - STMicroelectronics AN3286 Datasheet HTML 18Page - STMicroelectronics AN3286 Datasheet HTML 19Page - STMicroelectronics AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics AN3286 Datasheet HTML 22Page - STMicroelectronics AN3286 Datasheet HTML 23Page - STMicroelectronics AN3286 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Testing the board
AN3286
20/42
Doc ID 17998 Rev 1
Figure 21.
Input voltage averaged efficiency vs. load
In version 2.0 of the ENERGY STAR program requirements for single voltage external AC-
DC and AC-AC power supplies (1.), the power supplies are divided into two categories: low
voltage power supplies and standard power supplies, with respect to the nameplate output
voltage and current. To be considered a low-voltage power supply, an external power supply
must have a nameplate output voltage of less than 6 V and a nameplate output current of
more than or equal to 550 mA.
The following tables report the EPA energy efficiency criteria for AC-DC power supplies in
active mode for standard models and low voltage models respectively.
Table 11.
Energy efficiency criteria for standard models
Nameplate output power (Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to
≤ 1 watt
≥ 0.48*Pno+0.140
> 1 to
≤ 49 watts
≥ [0.0626 * In (Pno)] + 0.622
> 49 watts
≥ 0.870
Table 12.
Energy efficiency criteria for low voltage models
Nameplate output power (Pno)
Minimum average efficiency in active mode
(expressed as a decimal)
0 to
≤ 1 watt
≥ 0.497 *Pno+0.067
> 1 to
≤ 49 watts
≥ [0.075 * In (Pno)] + 0.561
> 49 watts
≥ 0.860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com