Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 13Page - STMicroelectronics AN3286 Datasheet HTML 14Page - STMicroelectronics AN3286 Datasheet HTML 15Page - STMicroelectronics AN3286 Datasheet HTML 16Page - STMicroelectronics AN3286 Datasheet HTML 17Page - STMicroelectronics AN3286 Datasheet HTML 18Page - STMicroelectronics AN3286 Datasheet HTML 19Page - STMicroelectronics AN3286 Datasheet HTML 20Page - STMicroelectronics AN3286 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN3286
Testing the board
Doc ID 17998 Rev 1
17/42
Table 7 shows the measured value of the burst mode frequency ripple measured in different
operating conditions. The ripple in burst mode operation is very low and always below
50 mV.
2.4
Efficiency
This section and the following section report the results of efficiency and light load
measurements.
Appendix A at the end of this document provides some details on the settings of the power
measurement equipment.
According to the ENERGY STAR® average active mode efficiency testing method, the
efficiency measurements have been done at full load and at 75%, 50%, and 25% of full load
for different input voltages. The results are reported in Table 8.
For better visibility, the results have also been plotted in the diagrams below. Figure 18 plots
the efficiency vs. VIN for the four different load values. Figure 19 reports the efficiency as
a function of the load for different input voltage values.
Table 7.
Burst mode related output voltage ripple
VIN (VAC)
No load (mV)
25 mA load (mV)
50 mA load (mV)
90
24
34
38
115
23
33
37
230
22
32
38
265
21
35
39
Table 8.
Efficiency
VIN (VAC)
Efficiency (%)
Full load (2 A)
75% load (1.5 A)
50% load (1 A)
25% load (0.5 A)
90
78.00
80.60
81.33
82.83
115
80.42
82.40
82.37
82.83
150
81.95
83.16
82.46
82.34
180
82.49
83.33
82.15
81.62
230
82.63
83.00
81.17
80.33
265
82.25
82.29
80.00
79.28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com