Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3286 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3286
Description  This document describes
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3286 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3286 Datasheet HTML 8Page - STMicroelectronics AN3286 Datasheet HTML 9Page - STMicroelectronics AN3286 Datasheet HTML 10Page - STMicroelectronics AN3286 Datasheet HTML 11Page - STMicroelectronics AN3286 Datasheet HTML 12Page - STMicroelectronics AN3286 Datasheet HTML 13Page - STMicroelectronics AN3286 Datasheet HTML 14Page - STMicroelectronics AN3286 Datasheet HTML 15Page - STMicroelectronics AN3286 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Testing the board
AN3286
12/42
Doc ID 17998 Rev 1
In quasi-resonant operation the switching frequency depends on the input/output conditions,
increasing with increasing mains voltage and with decreasing output load. In fact, as the
input voltage increases, the ON time is reduced and so the switching frequency increases;
as the load decreases, the drain peak current (then also the needed ON time and the
demagnetization time) decreases, therefore, the switching frequency increases.
In order to avoid the frequency increasing too much at medium/light load (which would result
in an increase of all the frequency-related losses), the device is provided with a frequency
fold-back function with an internal limit of 136 kHz (typ.); as the converter switching
frequency approaches the limit, this function acts by inhibiting the MOSFET switch-on, on
the first valley, and allowing it on the second, or the third and so on, depending on the
working condition, as shown in Figure 9 and 10 below. This mode of operation is referred to
as “valley skipping mode”.
In Figure 9, one ringing cycle of the drain voltage is always skipped. In this figure, what
should be the switching frequency without the frequency fold-back function (fQR), the
MOSFET turn-on inhibit time (1/fFF), and the actual converter switching frequency
(fValley_Skipping), is highlighted.
Figure 7.
Drain current and voltage at max.
load 90 VAC
Figure 8.
Drain current and voltage at max.
load 265 VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com