Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 8Page - STMicroelectronics AN3339 Datasheet HTML 9Page - STMicroelectronics AN3339 Datasheet HTML 10Page - STMicroelectronics AN3339 Datasheet HTML 11Page - STMicroelectronics AN3339 Datasheet HTML 12Page - STMicroelectronics AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
Harmonic content measurement
AN3339
12/44
Doc ID 18449 Rev 2
3
Harmonic content measurement
The main purpose of a PFC pre-regulator is the input current shaping to reduce the
harmonic content below the limits of the relevant regulations. This demonstration board has
been tested according to the European standard EN61000-3-2 Class-D and Japanese
standard JEITA-MITI Class-D, at full load and 75 W input power.
Figure 5, 6, 7, and 8 show the test results. As can be seen, the PFC is able to reduce the
harmonics well below the limits of both regulations in all conditions. Total harmonic
distortion (THD) and power factor (PF) values are given below each diagram.
Figure 5.
EN61000-3-2 compliance at 230
Vac - 50 Hz, full load
Figure 6.
JEITA-MITI compliance at 100 Vac -
50 Hz, full load
Vin=230 Vac - 50 Hz, Pin=204 W
THD=4.22 %, PF=0.985
AM08372v1
0.1
1
10
Measured Value
EN61000-3-2 Class-D Limits
0.0001
0.001
0.01
0.1
1
10
1
3
5
7
9 1113 151719 212325 272931 33353739
Harmonic Order [n]
Measured Value
EN61000-3-2 Class-D Limits
Vin=100 Vac - 50 Hz, Pin=209 W
THD=3.71 %, PF=0.999
AM08373v1
0.1
1
10
Measured Value
JEITA-MITI Class-D Limits
0.0001
0.001
0.01
0.1
1
10
1
3
5
7
9 11131517192123 252729 3133353739
Harmonic Order [n]
Measured Value
JEITA-MITI Class-D Limits
Figure 7.
EN61000-3-2 compliance at 230 Vac
- 50 Hz, 75 W
Figure 8.
JEITA-MITI compliance at 100 Vac -
50 Hz, 75 W
Vin=230 Vac - 50 Hz, Pin=75 W
THD=7.29 %, PF=0.867
AM08374v1
0.1
1
10
Measured Value
EN61000-3-2 Class-D Limits
0.0001
0.001
0.01
0.1
1
10
1
3
5
7
9 1113 151719 212325 272931 33353739
Harmonic Order [n]
Measured Value
EN61000-3-2 Class-D Limits
Vin=100 Vac - 50 Hz, Pin=75 W
THD=5.72% , PF=0.999
AM08375v1
0.1
1
10
Measured Value
JEITA-MITI Class-D Limits
0.0001
0.001
0.01
0.1
1
10
1
3
5
7
9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39
Harmonic Order [n]
Measured Value
JEITA-MITI Class-D Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com