Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 13Page - STMicroelectronics AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
17/44
In Figure 23 and 24 the transitions from full load to no load and vice versa at maximum input
voltage have been checked. The most critical situation is when the PFC stage is operating,
as during no load operation the burst pulses have the lowest repetition rate, due to higher
input voltage, and the VDD might drop below VDDoff (8 V typ.), causing the controller to shut
down. As seen in the figures, both transitions are clean and there isn't any output voltage or
VDD dip.
Figure 21.
Standby supply o/p short-circuit at
230 Vac - 50 Hz, full load
Figure 22.
Standby supply o/p short-circuit at
230 Vac, full load - detail
CH2: 5 V stby
CH1: DRAIN (pin #8)
CH3: VDD (pin #2)
CH4: FB (pin #4)
CH2: 5 V stby
CH1: DRAIN (pin #8)
CH3: VDD (pin #2)
CH4: FB (pin #4)
Figure 23.
Standby supply dynamic load at
115 Vac - 60 Hz - PFC off
Figure 24.
Standby supply dynamic load at
115 Vac - 60 Hz - PFC on
CH2: VDD (pin #2)
CH1: FB (pin #4)
CH3: 5 V stby
CH4: 5 V stby current
CH2: VDD (pin #2)
CH1: FB (pin #4)
CH3: 5 V stby
CH4: 5 V stby current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com