Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics AN3339 Datasheet HTML 38Page - STMicroelectronics AN3339 Datasheet HTML 39Page - STMicroelectronics AN3339 Datasheet HTML 40Page - STMicroelectronics AN3339 Datasheet HTML 41Page - STMicroelectronics AN3339 Datasheet HTML 42Page - STMicroelectronics AN3339 Datasheet HTML 43Page - STMicroelectronics AN3339 Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
Flyback transformer specification
AN3339
42/44
Doc ID 18449 Rev 2
Mechanical aspect and pin numbering
●
Maximum height from PCB: 18 mm
●
Coil former type: horizontal, 5+4 pins (pin #3 missing)
●
Primary pin distance: 3.81 mm
●
Secondary pin distance: 5.08 mm
●
Row distance: 19.05 mm
Figure 58.
Flyback transformer overall drawing
Manufacturer
●
MAGNETICA - Italy
●
Transformer P/N: 1715.0059
1.
Secondary A and B wound in parallel.
AM08381v1
Ø 0.7 (X9)
RECOMMENDED PCB HOLE Ø1.1 (X9)
3.5 MIN
18 MAX
1
2
4
3
5
9
8
6
7
27 MAX
21 MAX
7.62
5.08
15.24
19.05
15.24
22 MAX
BOTTOM VIEW
(PIN SIDE)
Pin 3 is missing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com