Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
Functional check
AN3339
24/44
Doc ID 18449 Rev 2
cause IC shutdown, therefore providing the system with immunity to short duration
phenomena. If, instead, the overload condition continues, the mentioned procedure for
shutting down the L6599A is activated. Figure 42, 43, and 44 show dead short events on 24
V, 12 V, and 130 V outputs respectively; the voltage on ISEN reaches the second
comparator threshold, the L6599A immediately shuts down and the operation is resumed
after an off-on cycle.
Figure 45 and 46 show the OVP intervention. In the case of overvoltage of one or more of
the resonant outputs the Zener diodes D16, D17, and D29 detect the output voltages and
conduct. Then Q10 conducts and turns on Q9 too. These two transistors are configured as
an SCR that shorts to ground the anode of the U5 optocoupler. In this way the Q7 is no
longer delivering the Vcc to the controllers and stays permanently latched until the mains
voltage is recycled.
Figure 41.
24 V current limitation at full load
and 115 Vac - 60 Hz
Figure 42.
24 V short-circuit at full load and
115 Vac - 60 Hz
CH3: ISEN
CH1: 24 V o/p voltage CH2: CSS
CH4: 24 V o/p current
CH3: ISEN
CH1: LVG
CH2: DELAY
CH4: 24 V o/p current
Figure 43.
12 V short-circuit at full load and
115 Vac - 60 Hz
Figure 44.
130 V short-circuit at full load and
115 Vac - 60 Hz
CH3: ISEN
CH1: LVG
CH2: DELAY
CH4: 24 V o/p current
CH3: ISEN
CH1: LVG
CH2: DELAY
CH4: 24 V o/p current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com