Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
AN3339
Functional check
Doc ID 18449 Rev 2
19/44
Figure 29 and 30 show the PFC control signal; in particular the VFF signal which is the
second input to the multiplier for 1/V2 function. The voltage at this pin, a DC level equal to
the peak voltage on the MULT pin (#3), compensates the control loop gain line-dependence.
In Figure 30, it can be observed that a negative-going edge on the ZCD pin triggers the
MOSFET turn-on.
Figure 27.
PFC Vds and inductor current at
230 Vac - 50 Hz, full load
Figure 28.
PFC Vds and inductor current at
230 Vac, full load - detail
CH3: CS (pin #4)
CH1: Q1 drain voltage
CH2: MULT (pin #3)
CH4: L1 inductor current
CH3: CS (pin #4)
CH1: Q1 drain voltage
CH2: MULT (pin #3)
CH4: L1 inductor current
Figure 29.
L6564 signals (1) at 115 Vac - 60 Hz,
full load
Figure 30.
L6564 signals (2) at 115 Vac - 60 Hz,
full load
CH3: MULT (pin #3)
CH1: COMP (pin #9)
CH2: VFF (pin #7)
CH4: CS (pin #4)
CH3: MULT (pin #3)
CH1: GD (pin #9)
CH2: ZCD (pin #7)
CH4: CS (pin #4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com