Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 14Page - STMicroelectronics AN3339 Datasheet HTML 15Page - STMicroelectronics AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Functional check
AN3339
18/44
Doc ID 18449 Rev 2
Power factor corrector stage
Figure 25 and 26 show some waveforms of the PFC stage under full load operation. THD is
considerably reduced due to the L6564 highly linear multiplier, along with a special
correction circuit that reduces crossover distortion of the mains current. Figure 25 shows
waveforms along a line half-period at 115 Vac. Current shaping is achieved as both CS
signal and peak inductor current are modulated according to the MULT signal, which is
proportional to the input voltage.
Figure 26 represents a detail of the signals in Figure 25; the MOSFET is turned on as the
inductor current reaches zero, obtaining transition mode (TM) operation. As the input
voltage is lower than voltage across inductor, ZVS (zero voltage switching) is achieved.
Figure 27 and 28 show PFC waveforms at full load at 230 Vac. It is possible to observe that
the boost inductor resonance with the total drain capacitance, with an amplitude of twice the
inductor voltage, on the offset of input voltage. Contrary to operation at 115 Vac, the
MOSFET is turned on when there is still voltage on its drain but TM operation assures valley
switching, minimizing switching losses.
Figure 25.
PFC Vds and inductor current at
115 Vac - 60 Hz, full load
Figure 26.
PFC Vds and inductor current at
115 Vac, full load - detail
CH3: CS (pin #4)
CH1: Q1 drain voltage
CH2: MULT (pin #3)
CH4: L1 inductor current
CH3: CS (pin #4)
CH1: Q1 drain voltage
CH2: MULT (pin #3)
CH4: L1 inductor current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com