Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics AN3339 Datasheet HTML 25Page - STMicroelectronics AN3339 Datasheet HTML 26Page - STMicroelectronics AN3339 Datasheet HTML 27Page - STMicroelectronics AN3339 Datasheet HTML 28Page - STMicroelectronics AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AN3339
Thermal map
Doc ID 18449 Rev 2
27/44
Table 2.
Thermal maps reference points
Point
Reference
Description
Temperature at 115 Vac Temperature at 230 Vac
A
D3
Bridge rectifier
69.8 °C
51.3 °C
B
Q5
PFC MOSFET
74.1 °C
59.3 °C
C
R51
Current sense resistor
72.9 °C
51.3 °C
D
R1
NTC
85.8 °C
72.6 °C
E
D2
PFC output diode
82.5 °C
74.3 °C
F
L1
PFC inductor
58.2 °C
55.4 °C
G
U5
VIPER27
58.0 °C
56.8 °C
H
T2
Flyback transformer
52.1 °C
51.3 °C
I
Q6
Resonant MOSFET
54.3 °C
52.9 °C
J
T1
LLC transformer
79.6 °C
78.4 °C
K
D24
130 V o/p diode
67.6 °C
66.8 °C
L
D4
24 V o/p diode
71.2 °C
71.1 °C
M
D9
12 V o/p diode
68.8 °C
69.1 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com