Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 16Page - STMicroelectronics AN3339 Datasheet HTML 17Page - STMicroelectronics AN3339 Datasheet HTML 18Page - STMicroelectronics AN3339 Datasheet HTML 19Page - STMicroelectronics AN3339 Datasheet HTML 20Page - STMicroelectronics AN3339 Datasheet HTML 21Page - STMicroelectronics AN3339 Datasheet HTML 22Page - STMicroelectronics AN3339 Datasheet HTML 23Page - STMicroelectronics AN3339 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
Functional check
AN3339
20/44
Doc ID 18449 Rev 2
Resonant stage
Figure 31 and 32 show some waveforms relevant to the resonant stage during steady-state
operation. The selected switching frequency is about 110 kHz, in order to have a good
trade-off between transformer losses and size. The converter operates slightly below the
resonance frequency. Figure 31 shows the resonant ZVS operation: both MOSFETs are
turned on when resonant current is flowing through their body diodes and drain-source
voltage is zero. Figure 32 shows the L6599A control signals. The oscillator signal is clean
from noise and symmetrical ensuring proper HB driving.
In Figure 33 and 34 reverse voltages across output rectifiers have been captured. The
maximum voltages applied to the rectifier are well below the components maximum ratings.
Because 12 V and 24 V outputs are obtained by center-tap secondary configuration, reverse
voltages applied to the respective rectifiers are almost twice the output voltage. On the other
hand, 130 V output is obtained by full bridge rectification and voltages across rectifiers
correspond to output voltage.
Figure 31.
Resonant stage waveforms at 115
Vac - 60 Hz, full load
Figure 32.
Resonant stage control signals at
115 Vac - 60 Hz, full load
CH3: LV FET gate
CH1: HB voltage
CH2: HV FET gate
CH4: C39 current
CH3: RFmin (pin #4)
CH1: LV FET gate
CH2: CF (pin #3)
CH4: LINE (pin #7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com