Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3339 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN3339
Description  185 W power supply with PFC and standby supply for LED TV
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3339 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN3339 Datasheet HTML 29Page - STMicroelectronics AN3339 Datasheet HTML 30Page - STMicroelectronics AN3339 Datasheet HTML 31Page - STMicroelectronics AN3339 Datasheet HTML 32Page - STMicroelectronics AN3339 Datasheet HTML 33Page - STMicroelectronics AN3339 Datasheet HTML 34Page - STMicroelectronics AN3339 Datasheet HTML 35Page - STMicroelectronics AN3339 Datasheet HTML 36Page - STMicroelectronics AN3339 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
AN3339
Bill of materials
Doc ID 18449 Rev 2
33/44
R25
10
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R27
2.2
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R29
4.7 k
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R31
100 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R32
22
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R33
200 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R34
10
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R36
12 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R37
3.9 k
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R38
0
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R40
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R41
56
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R43
1 M
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R44
100 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R45
10 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R46
220
Ω
SMD film res-1/4 W-5 %-250 ppm/°C
VISHAY
1206
R47
0
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R49
33 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R50
180 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R51
0.47
Ω
RSMF1TB-metal film res-1 W-2 %
AKANE OHM
PTH
R52
0.47
Ω
RSMF1TB-metal film res-1 W-2 %
AKANE OHM
PTH
R53
100
Ω
SMD film res-1/4 W-1 %-100 ppm/°C
VISHAY
1206
R54
470 k
Ω
SMD film res-1/8 W- 5 %-250 ppm/°C
VISHAY
0805
R55
68
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R56
5.6 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R57
51
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R59
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R60
47 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R61
680 k
Ω
SMD film res-1/8 W-1-100 ppm/°C
VISHAY
0805
R62
43 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R64
1 k
Ω
SMD film res-1/8 W-5 %-250 ppm/°C
VISHAY
0805
R65
180 k
Ω
SMD film res -1/8 W-5 %-250 ppm/°C
VISHAY
0805
R66
22 k
Ω
SMD film res-1/8 W-1 %-100 ppm/°C
VISHAY
0805
R67
15 k
Ω
SMD film res 1/8 W-1 %-100 ppm/°C
VISHAY
0805
Table 3.
Bill of materials (continued)
Des.
Part type/
part value
Description
Supplier
Case style/package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com