Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 53 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 49Page - STMicroelectronics AN4461 Datasheet HTML 50Page - STMicroelectronics AN4461 Datasheet HTML 51Page - STMicroelectronics AN4461 Datasheet HTML 52Page - STMicroelectronics AN4461 Datasheet HTML 53Page - STMicroelectronics AN4461 Datasheet HTML 54Page - STMicroelectronics AN4461 Datasheet HTML 55Page - STMicroelectronics AN4461 Datasheet HTML 56Page - STMicroelectronics AN4461 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
DocID026130 Rev 2
53/70
AN4461
User interface
70
9.3.5
ad - get last ADC samples
Command used to retrieve the value of the last analog to digital conversion in all ADC
channels. The output value is the digital value acquired directly from the ADC registers.
Syntax: ad
Parameters: none
Output:
CH0=28 CH1=287 CH2=0 CH3=0 CH4=0 CH5=855 CH6=933 CH7=0
Default: none
Example: ad
9.3.6
ti - time since power-on
The command shows the STLUX385A device up time. The output is composed of two parts,
separated by the comma sign. The first part shows the number of seconds elapsed since
power-on or reset. The second part represents the microseconds within the second.
Syntax: ti
Parameters: none
Output:
Default: none
Example: ti
Table 18. ADC samples
Channel
Monitor signal
(on schematic)
Target value
result
Target value
unit
Value
CH0
PFC_OUT
408 V
912
V = CH0 * 0.448 V
CH1
CN_CNT
Variable
Variable
V = CH1 * 1.2219 mV
CH2
Vf (D_CH0)
Variable
Variable
V = CH2 * 0.11845 on J4 (total Vf on LED strings)
CH3
V_IN -rectified Vac
Variable
Variable
V = CH3 * 0.448 V
CH4
A - 0 - 10 V
Variable
Variable
V = CH4 * 1.22189 mV
CH5
VD_14
14 V
849
V = CH5 * 16.5 mV
CH6
VCC
3.3 V
953
V = CH6 * 3.462 mV
CH7
Not used
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com