Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 1 Page - STMicroelectronics

  AN4461 Datasheet HTML 1Page - STMicroelectronics AN4461 Datasheet HTML 2Page - STMicroelectronics AN4461 Datasheet HTML 3Page - STMicroelectronics AN4461 Datasheet HTML 4Page - STMicroelectronics AN4461 Datasheet HTML 5Page - STMicroelectronics AN4461 Datasheet HTML 6Page - STMicroelectronics AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
December 2014
DocID026130 Rev 2
1/70
AN4461
Application note
100 W LED street lighting application using STLUX385A
Francesco Ferrazza and Ambrogio D’Adda
Introduction
The STEVAL-ILL066V1 demonstration board is a complete and configurable solution that
manages a single high brightness LED string using the STLUX385A digital controller and
two stages of power conversion. The application consists of a PFC regulator followed by a
zero voltage switching (ZVS) LC resonant stage. The LED current is adjusted using a
primary side regulation (PSR) control technique. The LED brightness can be dimmed by
controlling the LED current down to a very low level. Communication interfaces like DALI
and UART are present, as well as an insulated 0 - 10 control input. This application note
describes the use of the STEVAL-ILL066V1 demonstration board, the hardware design and
the firmware implementation. A real measurement is also described. For complete
information on the STLUX385A digital controller, please refer to the STLUX385A datasheet.
Danger:
High voltage is present on the PSR-ZVS demonstration
board.
Caution:
This board shall be used by qualified and knowledgeable people due to internal high
voltage. The user shall take great care when handling the demonstration board, even when
no power is supplied.
www.st.com


Similar Part No. - AN4461

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4460 STMICROELECTRONICS-AN4460 Datasheet
1Mb / 54P
The STEVAL-ILL057V1 demonstration board is a complete
17-Apr-2014
AN4466 STMICROELECTRONICS-AN4466 Datasheet
300Kb / 10P
The aim of this document is to give all information
03-Jun-2014
AN4467 STMICROELECTRONICS-AN4467 Datasheet
721Kb / 33P
Getting started with STM32L0xx hardware development
22-Jan-2015
More results

Similar Description - AN4461

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-9729 FAIRCHILD-AN-9729 Datasheet
1Mb / 17P
LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 100W Street Lighting
AN-9730 FAIRCHILD-AN-9730 Datasheet
1Mb / 17P
LED Application Design Guide Using Half-Bridge LLC Resonant Converter for 160W Street Lighting
AN-9738 FAIRCHILD-AN-9738 Datasheet
1Mb / 25P
Design Guideline on 150W Power Supply for LED Street Lighting Design Using FL7930B and FAN7621S
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
70W LED Street Light
logo
STMicroelectronics
AN4382 STMICROELECTRONICS-AN4382 Datasheet
1Mb / 70P
100 W LED street lighting application using STLUX385A
04-Feb-2014
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
logo
OSRAM GmbH
GWP7STA2.PM OSRAM-GWP7STA2.PM Datasheet
1Mb / 23P
Street and tunnel lighting
logo
Lumileds Lighting Compa...
CS112 LUMILEDS-CS112 Datasheet
2Mb / 3P
Thailand Launches Ambitious Street Lighting Project
logo
STMicroelectronics
STEVAL-ILL066V2 STMICROELECTRONICS-STEVAL-ILL066V2 Datasheet
683Kb / 12P
100 W LED street lighting evaluation board using the STLUX385A digital controller
Rev 1 - March 2018
logo
Ledil, Inc.
FN13323 LEDIL-FN13323 Datasheet
4Mb / 12P
Type ll and lll beam for street lighting.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com