Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics AN4461 Datasheet HTML 14Page - STMicroelectronics AN4461 Datasheet HTML 15Page - STMicroelectronics AN4461 Datasheet HTML 16Page - STMicroelectronics AN4461 Datasheet HTML 17Page - STMicroelectronics AN4461 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
PFC stage
AN4461
14/70
DocID026130 Rev 2
technique. The algorithm also adapts the bandwidth to quickly react to fast variation of the
input voltage or output load. The resulting bandwidth is then approximately equal to 5 Hz.
The CPP0 input is used to detect an overvoltage and switches off the PWM once the PFC
voltage is greater than an internally configured safety threshold. The threshold is adjusted
depending on the AC input voltage. Once the PFC output voltage reaches the safety
threshold, the PWM is disabled within ~50 ns.
The PFC is activated 30 mS after power-on or activation. This time is used to sense the
input AC voltage and enable the PFC with the optimal parameters for the given AC voltage.
The STLUX385A also implements a THD optimizer approach (US2013194842 and
US2013194845) via the DIGIN2 pin.
3.4
PFC stage customization
3.4.1
Inductor
The operating frequency of the PFC stage varies along every half cycle of the rectified AC
input voltage and at different load conditions. The inductor value can be selected in order to
obtain an operating frequency greater than a minimum value, normally ranging between
35 kHz and 60 kHz. Equation 2 can be used to select the minimum operating frequency,
using either minimum or maximum VAC value, whichever gives the lower value for L.
Equation 2
The saturation current can be selected slightly higher than the maximum peak current
occurring in correspondence of the peak of the input sine wave at full output power and low
input voltage.
Equation 3
Once obtained these two values, the inductor physical design can be done using one of the
approaches described in some relevant application notes (see AN966 on www.st.com).
3.4.2
Output capacitor
The output capacitor is responsible for reducing the frequency ripple and maximizing the
hold-up time. The operating frequency of the secondary LC stage is strongly dependent on
its input voltage: it is therefore necessary to minimize the PFC output voltage ripple to avoid
very wide frequency variation during the LC half-bridge operations. The capacitor can be
chosen according to Equation 4.
Equation 4
L
=
V
2
ac ·(Vpfc - v2 Vac)
2 f sw_min · Pin · Vpfc
-
Boost
min
ac,
in
Lsat
V
P
2
2
I
⋅
=
pfc
pfc
mains
out
pfc
∆V
V
f
4π
P
C
⋅
⋅
⋅
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com