Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 47 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 43Page - STMicroelectronics AN4461 Datasheet HTML 44Page - STMicroelectronics AN4461 Datasheet HTML 45Page - STMicroelectronics AN4461 Datasheet HTML 46Page - STMicroelectronics AN4461 Datasheet HTML 47Page - STMicroelectronics AN4461 Datasheet HTML 48Page - STMicroelectronics AN4461 Datasheet HTML 49Page - STMicroelectronics AN4461 Datasheet HTML 50Page - STMicroelectronics AN4461 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
DocID026130 Rev 2
47/70
AN4461
User interface
70
The user can interact with the STLUX385A device using one of the following commands
displayed in Figure 20:
Figure 20. Command list
The command list can be displayed using the “?” command.
Commands may require several parameters and the user shall use the correct syntax. Any
incorrectly typed character can be modified using the backspace character.
Figure 20: Command list describes the commands accessible through the console. For
convenience, the resonant stage is referred to as HB (“Half-Bridge”).
With the exception of the parameters “in” command, all commands are volatile and their
results are defaulted once the board is reset. The “in” command lets the user modify the
startup value for selected parameters. Any new startup value is stored in an EEPROM
memory.
Caution:
The commands guarantee full access to the board configuration. Please take care when
modifying the behavior of the board via commands. An incorrect configuration change may
damage the board.
9.3.1
ll - configure LED output current
Change the LED output current. This command should be used only when the DALI or
0 - 10 V interfaces are not active. The DALI and 0 - 10 V have higher priority over the “ll”
command. The “ll” values are in range from 2 (minimum current) to 4094 (maximum
current). While operating on the STEVAL-ILL066V1 demonstration board, the “ll”
parameters should be configured between 539 (minimum current) and 3450 (maximum
current).
Monitor channel command
ll [dat]
st
gp
gh
ad
ti
co
in [of][val]
hf [val]
hb [val]
pf [val]
dt [val]
fr [div]
hl [??]
hl
?
Set output current (2-4094)
Get status
Get PFC status
Get HB
status
Get all ADC channels
Get time
Clear error
Set startup param, "in 0 0" to help
Set HB DEAD time (24<-192)
Set HB ON time (0 = off, 1 = on, 46<->650)
Set PFC 0 = off, 1 = on, 2 = minpw or (875<->920)
Set HB remove delay time
Set CCO freq
help cmd [??] string
get help
get help
use [enter] to end line, use [backspace] to delete char



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com