Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics AN4461 Datasheet HTML 13Page - STMicroelectronics AN4461 Datasheet HTML 14Page - STMicroelectronics AN4461 Datasheet HTML 15Page - STMicroelectronics AN4461 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
PFC stage
AN4461
12/70
DocID026130 Rev 2
The conduction time (TON) is the time the MOSFET remains on. TON is updated every
100
µs and based on the PFC output voltage during the previous 200 ms. The PFC
bandwidth is ~5 Hz. The boost MOSFET is turned on when the boost inductor current falls
down to zero. The result of this algorithm is that the inductor current is shaped like a series
of adjacent triangles whose peak's envelope is a half-wave sinusoid in phase with the AC
input line voltage. For geometrical reason, the average current absorbed from the input line
is also sinusoidal.
Figure 5. PFC input current
During light load conditions, a valley skipping mechanism is adopted, allowing a lower
output voltage ripple and lower operating frequencies.
3.2
Protections
The STLUX385A device implements several protections that prevent the component
degradation due to electrical overstresses or overheating. The protections implemented in
the PFC stage are:
1.
Overvoltage protection (OVP): stops the switching activity when the output capacitor
voltage reaches a threshold. The PFC is turned on as soon as the capacitor voltage
returns below the threshold.
2.
Overcurrent protection (OCP): is activated when the inductor peak current reaches
very high values during TON (e.g. due to input overvoltage or output overloading). The
current is read by the RCS shunt resistor and compared with a threshold. The threshold
is dynamic and adjusted depending on the input voltage.
3.
Brownout: When the input voltage is lower than a threshold the PFC stage is disabled.
When the input voltage returns to acceptable levels, the PFC is turned on again. This
prevents overstressing the PFC power components due to operations at very low input
voltages.
4.
Controlled soft start: the protection limits the charging current of the Cpfc capacitor.
This method has two big advantages: a limited inrush current related with the PFC
activation and better control of the output voltage that does not experience
overshooting (and the audible noise associated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com