Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 15Page - STMicroelectronics AN4461 Datasheet HTML 16Page - STMicroelectronics AN4461 Datasheet HTML 17Page - STMicroelectronics AN4461 Datasheet HTML 18Page - STMicroelectronics AN4461 Datasheet HTML 19Page - STMicroelectronics AN4461 Datasheet HTML 20Page - STMicroelectronics AN4461 Datasheet HTML 21Page - STMicroelectronics AN4461 Datasheet HTML 22Page - STMicroelectronics AN4461 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
DocID026130 Rev 2
19/70
AN4461
ZVS LC resonant stage description
70
4.1.2
LC stage characteristic selection
The following procedure can be used to determine the main component values.
Step1: Determine the primary-to-secondary turn ratio n of the transformer.
From Equation 11 we derive:
Equation 13
Use Equation 14 to calculate
Λ for maximum LED current.
Note:
fhb,max and fhb,max shall be selected so that Λ < 0.9 in order to account for rounding errors,
mismatch and tolerances in the transformers.
Equation 15 can now be used to calculate the transformer transfer ratio n as:
Equation 14
Vdout is the forward voltage of the output rectified (0.5 V for a Schottky rectifiers, 0.8 V for
p-n rectifiers or Shottky based Wien bridge rectifiers).
Step 2: Use Table 2 to calculate the current in different point of the circuit.
Table 2. Current values
min
hb,
max
hb,
f
f
min
Vpfc,
max
Vpfc,
1
λ
⋅
−
=
Parameter
Primary side
Secondary side
Peak current
Total current swing
DC current
Total RMS current
AC RMS current
(
)
Vdout
VLED
2
min
Vpfc,
λ
NSEC
NPRI
n
+
⋅
=
=
ILED
n
2
Ippk
=
ILED
2
Ispk
⋅
=
ILED
n
4
Ippk
2
Ip
=
⋅
=
∆
ILED
2
Ispk
Is
⋅
=
=
∆
(
)
Vpfc
Vdout
VLED
ILED
Iin
ILED
n
1
Ipav
0
Ipdc
+
⋅
=
=
=
ILED
Isdc
=
ILED
3
n
2
Iprms
=
ILED
3
2
Isrms
=
ILED
3
n
2
Ipac
=
ILED
3
1
Isac
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com