Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 4Page - STMicroelectronics AN4461 Datasheet HTML 5Page - STMicroelectronics AN4461 Datasheet HTML 6Page - STMicroelectronics AN4461 Datasheet HTML 7Page - STMicroelectronics AN4461 Datasheet HTML 8Page - STMicroelectronics AN4461 Datasheet HTML 9Page - STMicroelectronics AN4461 Datasheet HTML 10Page - STMicroelectronics AN4461 Datasheet HTML 11Page - STMicroelectronics AN4461 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Getting started with STEVAL-ILL066V1 demonstration board
AN4461
8/70
DocID026130 Rev 2
Caution:
The user shall observe the correct string polarity as reported on the PCB.
An incorrect LED connection may damage the LED due to the high inverse voltage
The board supports a wide range AC input (J8 connector) and operates within the range
90 VAC - 265 VAC. This makes the board suitable to be connected directly into mains. The
board also supports, on the same connector J8, a DC voltage comprised between 170 V
and 350 V. The AC or DC connection to J8 is shown in Figure 3.
The STEVAL-ILL066V1 demonstration board offers 3 different communication channels:
DALI, 0 - 10 V and a serial interface. The DALI and 0 - 10 V interface share the same
STLUX385A pins and are therefore mutually exclusive. The active line is selected via serial
line commands.
The DALI interface can be controlled by any DALI master compliant with the IEC62386-201
standard. When the DALI protocol is used, the DALI bus must be connected before starting
the application. An absence of the DALI line (OPEN DALI) for more than 500 mS from
power-up causes the DALI interface to be disabled. When using the DALI interface, it is
recommended that the DALI master is already “up and running” before connecting the
board. The DALI connector is J3, it has no polarity and it is also isolated from the power
stage. The DALI command set implemented on this board is described in Section 9.2 on
page 42.
An isolated 0 - 10 V interface can be activated alternatively to the DALI bus when the DALI
protocol is not required or is unavailable. The 0 - 10 V interface connector is J9 and is
polarized.
A voltage below 1 V powers off the output LED strings. A voltage starting from 1 V to 10 V
drives the output current from 10% to 100% of the maximum rated value, in a linear fashion.
A voltage between 0 V and 1 V switches off the LED.
The serial line is accessible via the J2 connector and is isolated from the power stage.
A dedicated USB cable (e.g. TTL-232R-3V3 from FTDI) can be used to connect a personal
computer with the serial interface and control the board using a terminal emulator software
such as hyperterminal. The 2.54 mm connector of the USB cable shall be linked to the
board so that the black wire is connected to the J2, pin1.
The serial input allows the user to interact with the board in parallel with the DALI bus. When
the 0 - 10 V interface is selected, the output current is regulated only via the 0 - 10 V
interface and no changes are allowed via the serial line. The serial line command set is
described in Section 9.3 on page 46.
The STEVAL-ILL066V1 can be set in a very low-power state, named IDLE, when the LEDs
are switched off via DALI commands. During this state all operations are halted until
a new DALI command is received or the DALI_RDY button is pushed. The serial line also
stops to be active during the low-power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com