Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 14Page - STMicroelectronics AN4461 Datasheet HTML 15Page - STMicroelectronics AN4461 Datasheet HTML 16Page - STMicroelectronics AN4461 Datasheet HTML 17Page - STMicroelectronics AN4461 Datasheet HTML 18Page - STMicroelectronics AN4461 Datasheet HTML 19Page - STMicroelectronics AN4461 Datasheet HTML 20Page - STMicroelectronics AN4461 Datasheet HTML 21Page - STMicroelectronics AN4461 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
ZVS LC resonant stage description
AN4461
18/70
DocID026130 Rev 2
It is useful, for further consideration to arrange Equation 5 as:
Equation 9
Then the ratio between minimum and maximum frequency can be expressed as:
Equation 10
Equation 10 can be simplified as follows:
Equation 11
Keeping into consideration transient effects and current variations, it is a good empiric
design practice to have:
Equation 12
The parameter
Γ is directly related with the ripple superimposed to the PFC output voltage.
An indication about the required transformer ratio is obtained combining Equation 11 and
Equation 9. A representation of the frequency range at a fixed current versus
Λ at different
values of the parameter
Γ is shown in Figure 9.
Figure 9. ZVS -
Λ
Λ
Λ
Λ vs. frequency
(
)
( )
0,1
λ
with
Vdout
VLED
2
min
Vpfc,
λ
n
∈
+
⋅
=
(
)2
2
2
2
min
hb,
max
hb,
λ
1
min
Vpfc,
Vdout
VLED
Vdout
λ
min
Vpfc,
max
Vpfc,
min
Vpfc,
1
max
ILED,
min
ILED,
f
f
−
⋅
+
⋅
⋅
−
⋅
⋅
=
(
)
max
ILED,
min
ILED,
Idim
and
min
Vpfc,
max
Vpfc,
with
λ
1
Idim
f
f
2
min
hb,
max
hb,
=
=
Γ
−
Γ
=
4
≤
Π
Λ
Θ
Κ
Ε
Π
∆[
Κ
ΕΙ
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com