Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4461 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN4461
Description  100 W LED street lighting application using STLUX385A
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4461 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN4461 Datasheet HTML 23Page - STMicroelectronics AN4461 Datasheet HTML 24Page - STMicroelectronics AN4461 Datasheet HTML 25Page - STMicroelectronics AN4461 Datasheet HTML 26Page - STMicroelectronics AN4461 Datasheet HTML 27Page - STMicroelectronics AN4461 Datasheet HTML 28Page - STMicroelectronics AN4461 Datasheet HTML 29Page - STMicroelectronics AN4461 Datasheet HTML 30Page - STMicroelectronics AN4461 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Figure 13. PSR-ZVS demonstration board schematic - PFC and DC/DC zone
3.3V
Near 14V
ADC-7
ADC-0
CPP-0
CPP-2
DIGIN 2
Option
RS-575-416
- 150uF 450V
Option
RS-739-5942
- FAN3111E
Option
DK-495-2787-ND
Center
GND star
point
Center
GND poin t
Option
RS-736-1210
Zone without
GND area,
only
wire
Option
DK-493-7844-ND
- 100uF 450 V
GATE_PWM5
PFC_PWM
V_PFC
ADC_VIN
V_IN
V_IN
PFC_CUSE
V_PFC
PFC_ZCD
PFC_OUT
PFC_BUS_SENSE
PFC_ZCD
PFC_OUT
GATE_PWM5
PFC_PWM
PFC_BUS_SENSE
PFC_CUSE
PFC_ZCD
ADC_VIN
PGND
PGND
PGND
PGND
GND
GND
GND
GND
400V
GND
GND
PGND
GND
PGND
VD_14
GND
VCC
GND
GND
GND
VD_14
GND
GND
GND
GND
GND
PGND
PGND
PGND
VD_14
GND
GND
GND
GND
400V
VCC
VCC
PGND
GND
R48
1K
C62
100nF
C41
330nF
305Vac
C57
100nF
C59
100nF
R57
10R
R64
N.M.
C48
100nF
C47
100p
C52
150nF
D32
16V
RS-634-7197
TP24
C44
220p
1KV
C39
1nF
HS1
Heatsink
Heatsink for Q12
D25 STTH5L06
3
4
1
R49
0R39
T6
420uH
R44
18K
R46
2M2
R53
330K
+
C43
100uF
RS-767-3090
450V
PGND
ANELLO-1MM
1
R42
2M2
D23 1N4007
R61
10K
D24
GBU8K-E3/45
RS-687-5914
2
3
C54
1.5nF
R55
2M2
D28 1N4007
L10
WE-CBF
RS-669-4005
C60
1nF
R56
10K N.M.
C42
1nF
C53
22nF
R41
2M2
TP46
TP25
+
C61
22uF
10V
F1
FUSE 4A
R62
12K
+
C58
1uF
25V
C85
100nF
R65
10K
R43
2M2
U12
VIPer06XS
DRAIN
10
GND
1
LIM
3
VDD
2
DRAIN
9
COMP
5
FB
4
DRAIN
8
DRAIN
7
DRAIN
6
TP31
R58
18K
D31
STTH1L06A
R45
10R N.M.
+
C55
1uF
25V
C46
1nF
C40
470nF
305Vac
R52
2M2
TP32
U11
PM8841
IN
3
GND
2
OH
5
VDD
1
XREF
4
OL
6
C49
2.2nF
R5
0
0R39
RV1
B72210
RS-289-7070
R40
330K
D33
STTH1L06A
R67
33K
L8
2.2mH
R60
33K
R59
10R N.M.
C84
100nF
R54
68K N.M.
Q12
STF18N60M2
1
J8
HEADER 3
1
2
3
RV2
2R5
RS-216-1422
+
C63
10uF
RS-116-868
25V
R47
330K
D26
LL4148
P400V
ANELLO-1MM
1
T5
10mH
C65
100p N.M.
+
C51
3.3uF
450V
RS-711-2119
D30
MMSD4148T1G
C56
100nF
D27
5.6V N.M.
RS-738-4954
EARTH
U13
LK112M33TR
RS-686-9013
OUT
4
VIN
5
SHDN
1
BYPASS
3
AM03425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com