Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4506 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 10Page - STMicroelectronics AN4506 Datasheet HTML 11Page - STMicroelectronics AN4506 Datasheet HTML 12Page - STMicroelectronics AN4506 Datasheet HTML 13Page - STMicroelectronics AN4506 Datasheet HTML 14Page - STMicroelectronics AN4506 Datasheet HTML 15Page - STMicroelectronics AN4506 Datasheet HTML 16Page - STMicroelectronics AN4506 Datasheet HTML 17Page - STMicroelectronics AN4506 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Reading angular rate data
AN4506
14/47
DocID026442 Rev 2
Figure 3. Data synchronization: level sensitive
Figure 4. Level-sensitive trigger stamping
3.5.2
Pulse sensitive trigger (LVLen = 1; EXTRen = 0; IMPen = 1)
The pulse-sensitive trigger is similar to the level-sensitive trigger, and has to be used if the
duration of the DEN pulse is shorter than the selected gyroscope ODR. Once enabled, the
LSB bit of the gyroscope X, Y, Z output data generated after the pulse is set to 1; if no pulse
occurs, the LSB bit of the next generated gyroscope X, Y, Z output data is set to 0.
When ODR selected is 800 Hz, the maximum DEN sample frequency is fDEN = 1/TDEN =
400 Hz.
Figure 5. Data synchronization: pulse sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com