Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4506 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 29Page - STMicroelectronics AN4506 Datasheet HTML 30Page - STMicroelectronics AN4506 Datasheet HTML 31Page - STMicroelectronics AN4506 Datasheet HTML 32Page - STMicroelectronics AN4506 Datasheet HTML 33Page - STMicroelectronics AN4506 Datasheet HTML 34Page - STMicroelectronics AN4506 Datasheet HTML 35Page - STMicroelectronics AN4506 Datasheet HTML 36Page - STMicroelectronics AN4506 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
AN4506
First-in first-out (FIFO) buffer
DocID026442 Rev 2
33/47
Table 27 represents the FIFO full status when 32 samples are stored in the buffer while
Table 28 represents the next step when the 33rd sample is inserted into FIFO and the 1st
sample is overwritten. The new oldest sample set is made available in the output registers.
When FIFO is enabled and the mode is different from Bypass, the L3GD20H output
registers (28h to 2Dh) always contain the oldest FIFO sample set.
6.2
FIFO registers
The FIFO buffer is managed by three different gyroscope registers, two of these allow
enabling and configuring FIFO behavior, the third provides information about the buffer
status.
6.2.1
Control register 5 (0x24)
The FIFO_EN bit in CTRL5 must be set to 1 in order to enable the internal first-in first-out
buffer; while this bit is set, the gyroscope output registers (28h to 2Dh) do not contain the
current angular rate value but they always contain the oldest value stored in FIFO.
Table 28. FIFO overrun representation (33rd sample set stored and 1st sample
discarded)
Output
registers
0x28h
0x29h
0x2Ah
0x2Bh
0x2Ch
0x2Dh
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO index
Sample set
FIFO(0)
Xl(1)
Xh(1)
Yl(1)
Yh(1)
Zl(1)
Zh(1)
FIFO(1)
Xl(2)
Xh(2)
Yl(2)
Yh(2)
Zl(2)
Zh(2)
FIFO(2)
Xl(3)
Xh(3)
Yl(3)
Yh(3)
Zl(3)
Zh(3)
FIFO(3)
Xl(4)
Xh(4)
Yl(4)
Yh(4)
Zl(4)
Zh(4)
...
...
...
...
...
...
...
...
...
...
...
...
...
...
FIFO(30)
Xl(31)
Xh(31)
Yl(31)
Yh(31)
Zl(31)
Zh(31)
FIFO(31)
Xl(32)
Xh(32)
Yl(32)
Yh(32)
Zl(32)
Zh(32)
Table 29. FIFO enable bit in CTRL5
b7
b6
b5
b4
b3
b2
b1
b0
X
FIFO_EN
X
XXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com