Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4506 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 25Page - STMicroelectronics AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics AN4506 Datasheet HTML 29Page - STMicroelectronics AN4506 Datasheet HTML 30Page - STMicroelectronics AN4506 Datasheet HTML 31Page - STMicroelectronics AN4506 Datasheet HTML 32Page - STMicroelectronics AN4506 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
AN4506
Interrupt generation
DocID026442 Rev 2
29/47
5.5.3
Using the HP filter
The code provided below gives a basic routine which shows the practical use of the wake-
up feature performed on high-pass filtered data. In particular, the device is configured to
recognize when the high-frequency component of the angular rate applied along either the
X, Y, or Z-axis exceeds a preset threshold (100 dps is used in the example).
The event which triggers the interrupt is latched inside the device and its occurrence is
signaled through the use of the INT1 pin.
1
Write 0Fh into CTRL1
// Turn on the sensor and enable X, Y, and Z
// ODR = 100 Hz
2
Write 00h into CTRL2
// High-pass filter disabled
3
Write 80h into CTRL3
// Interrupt driven to INT1 pad
4
Write 00h into CTRL4
// FS = 245 dps
5
Write 34h into IG_THS_XH
// Threshold = 100 dps
6
Write 3Eh into IG_THS_XL
// Threshold = 100 dps
7
Write 00h into IG_DURATION
// Duration = 0
8
Write 02h into IG_CFG
// Enable XH interrupt generation
9
Poll INT1 pad; if INT1=0 then go to 8
// Poll INT1 pin waiting for the
// wake-up event
10 Read IG_SRC
// Return the event that has triggered the
// interrupt
11
(Wake-up event has occurred; insert
your code here)
// Event handling
12 Go to 8
1
Write 0Fh into CTRL1
// Turn on the sensor and enable X, Y, and Z
// ODR = 100 Hz
2
Write 00h into CTRL2
// High-pass filter in Normal mode
3
Write 80h into CTRL3
// Interrupt driven to INT1 pad
4
Write 00h into CTRL4
// FS = 245 dps
5
Write 05h into CTRL5
// Data in DataReg and FIFO are high-pass filtered.
// High-pass-filtered data are used for interrupt
// generation
6
Write 34h into IG_THS_XH
// Threshold = 100 dps
7
Write 3Eh into IG_THS_XL
// Threshold = 100 dps
8
Write 34h into IG_THS_YH
// Threshold = 100 dps
9
Write 3Eh into IG_THS_YL
// Threshold = 100 dps
10 Write 34h into IG_THS_ZH
// Threshold = 100 dps
11
Write 3Eh into IG_THS_ZL
// Threshold = 100 dps
12 Write 00h into IG_DURATION
// Duration = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com