Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4506 Datasheet(PDF) 43 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 39Page - STMicroelectronics AN4506 Datasheet HTML 40Page - STMicroelectronics AN4506 Datasheet HTML 41Page - STMicroelectronics AN4506 Datasheet HTML 42Page - STMicroelectronics AN4506 Datasheet HTML 43Page - STMicroelectronics AN4506 Datasheet HTML 44Page - STMicroelectronics AN4506 Datasheet HTML 45Page - STMicroelectronics AN4506 Datasheet HTML 46Page - STMicroelectronics AN4506 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
AN4506
First-in first-out (FIFO) buffer
DocID026442 Rev 2
43/47
The interrupt trigger is related to the IA bit in the IG_SRC register and it is generated even if
the interrupt signal is not driven to an interrupt pad. Bypass-to-Stream mode is sensitive to
the trigger level and not to the trigger edge; this means that if the FIFO buffer is in Stream
mode and the interrupt condition disappears, the FIFO buffer returns to Bypass mode
because the IA bit becomes zero.
It is recommended to latch the interrupt signal used as the stream trigger in order to avoid
losing interrupt events. If the selected interrupt is latched, it is necessary to read the register
IG_SRC to clear the IA bit; after reading, the IA bit takes 2*ODR to go low.
In Stream mode the FIFO buffer continues filling. When the buffer is full, the OVRN bit is set
high and the next samples overwrite the oldest.
Figure 27. Bypass-to-Stream mode
Bypass-to-Stream can be used in order to start the acquisition when the configured interrupt
is generated.
6.3.7
Bypass-to-FIFO mode
This mode is a combination of the Bypass and FIFO modes previously described: the FIFO
buffer starts operating in Bypass mode and switches to FIFO mode when an interrupt
occurs.
Follow these steps for Bypass-to-FIFO mode configuration:
1.
Configure the desired interrupt generator by using register IG_CFG (0x30).
2.
Turn on FIFO by setting the FIFO_En bit to “1” in the CTRL5 register (0x24). After this
operation the FIFO buffer is enabled but is not collecting data, output registers are
frozen to the last samples set loaded.
3.
Activate Bypass-to-FIFO mode by setting the FM[2:0] field to “111” in the FIFO_CTRL
register (0x2E).
The interrupt trigger is related to the IA bit in the IG_SRC register and it is generated even if
the interrupt signal is not driven to an interrupt pad.
It is recommended to latch the interrupt signal used as the stream trigger in order to avoid
losing interrupt events. If the selected interrupt is latched, it is necessary to read the register
IG_SRC to clear the IA bit; after reading, the IA bit takes 2*ODR to go low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com