Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4506 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN4506
Description  This document is intended to provide information
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4506 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN4506 Datasheet HTML 26Page - STMicroelectronics AN4506 Datasheet HTML 27Page - STMicroelectronics AN4506 Datasheet HTML 28Page - STMicroelectronics AN4506 Datasheet HTML 29Page - STMicroelectronics AN4506 Datasheet HTML 30Page - STMicroelectronics AN4506 Datasheet HTML 31Page - STMicroelectronics AN4506 Datasheet HTML 32Page - STMicroelectronics AN4506 Datasheet HTML 33Page - STMicroelectronics AN4506 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Interrupt generation
AN4506
30/47
DocID026442 Rev 2
At step 13, a dummy read of the REFERENCE register is performed to set the
current/reference angular rate/tilt state against which the device performed the threshold
comparison.
This read may be performed any time it is required to set current rate as a reference state
without waiting for the filter to settle.
5.6
Selective axis movement detection
Selective axis movement detection refers to a specific configuration of IG_CFG and IG_THS
registers that allows the user to recognize when the device is rotating only around the
selected axis.
Referring to Figure 17, a “no rotation zone” is defined around the zero-dps level where the
angular rates are small enough to be considered as zero. It is possible to create a
configuration of the IG_CFG register so that an interrupt is generated only if, i.e., angular
rate for rotation around X and Y axes are around zero, while it is different from zero for the
Z-axis. This means the device is doing a pure yaw rotation.
Figure 17. No-move interrupt
13 Read REFERENCE
// Dummy read to force the HP filter to
// current angular rate value
// (i.e. set reference angular rate)
14 Write 6Ah into IG_CFG
// Enable XH, YH and ZH interrupt generation.
// Interrupt latched
15 Poll INT1 pad; if INT1=0 then go to 8
// Poll INT1 pin waiting for the
// wake-up event
16 Read IG_SRC
// Return the event that has triggered the
// interrupt
17
(Wake-up event has occurred; insert
your code here)
// Event handling
18 Go to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com