Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 4Page - STMicroelectronics AN2946 Datasheet HTML 5Page - STMicroelectronics AN2946 Datasheet HTML 6Page - STMicroelectronics AN2946 Datasheet HTML 7Page - STMicroelectronics AN2946 Datasheet HTML 8Page - STMicroelectronics AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics AN2946 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
General description
AN2946
8/38
Doc ID 15473 Rev 2
The MCU implements the sophisticated peripherals as listed in Table 1.
2.4
Main functions of the controller
2.4.1
Battery charging management
During the daytime, the battery is charged by PV electricity according to the typical pattern.
An MPPT (maximum power point tracing) algorithm is applied to enable the PV module to
output as much electricity power as it can. Refer to Section 4.2 for more information
concerning MPPT. The pattern for the 12 V battery system is shown in Figure 4. The pattern
differentiates the entire charging process into 3 stages. During stage 1 and stage 2, the
battery is charged with the solar module maximum power. In stage 3, the battery is charged
in constant voltage algorithm.
Figure 4.
Battery charging pattern
●
Stage 1 (trickle charging): UBAT < 11 V. The battery is charged with the maximum
power of the PV module. This stage is designed for a battery which is deeply
Table 1.
MCU peripheral allocation
Peripheral
Number
Description
ADC
11
USC+, USC-, UBAT, ULED, ISC, IBAT, ILED, TCHG, TBAT, TDRV, TLED
GPIO
12
Inputs
DIP1~4 (up to 16 modes) JTAG
Status indication
Charger_EN for anti-backflow charge
Mains_EN for switching to mains supply
Battery LED1-2 for indicating battery status
Debug LED1-4 for diagnosis (up to 16 messages)
PWM
2
PWMCHG, PWMDRV (100 kHz)
EXT1
1
LED fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com