Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2946 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics AN2946 Datasheet HTML 23Page - STMicroelectronics AN2946 Datasheet HTML 24Page - STMicroelectronics AN2946 Datasheet HTML 25Page - STMicroelectronics AN2946 Datasheet HTML 26Page - STMicroelectronics AN2946 Datasheet HTML 27Page - STMicroelectronics AN2946 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Firmware design
AN2946
24/38
Doc ID 15473 Rev 2
steady state. Since the resulted power at point B is higher than the power at point A,
the MCU continues to increase the duty cycle.
2.
Step 2: The MCU increases the duty cycle from DC(B) to DC(C). During steady state
the charger operates at point C. Because the power at point C is still higher than the
power at point B, the MCU keeps the same trend and increases the duty cycle.
3.
Step 3: The charger now moves to point D after the MCU increases the duty cycle from
DC(C) to DC(D). Since the power at point D is lower than the power at point C, the
MCU reverses the direction. At the next step, it decreases the duty cycle and moves to
C.
4.
Step 4: The MCU keeps decreasing duty cycle from DC(C) to DC(B). After detecting
that the power at B point is lower than that at C point, MCU reverses direction again.
Then system comes back to step 2.
The P&O tracing route can be described as shown in Figure 30. This tracing route explains
that the MPPT algorithm is dynamic. The charger does not operate at a fixed point, and it
works within a certain range that the maximum power point locates.
Figure 30.
P and O tracing route
The P&O method is based on the fact that the P-V curve remains almost unchanged during
a very short time period. Generally, the MCU executes each P&O step in several
milliseconds, while the P-V curve drift caused by environmental change usually takes a few
seconds or even several minutes, which is much longer. The P&O method is a feasible
method to achieve MPP tracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com